PART |
Description |
Maker |
PN6CU-4812E PN6CU-0505E PN6CU-0512E PN6CU-1205E PN |
Input voltage: 48V, output voltage 12V (84mA), 1KV isolated 1W unregulated single output Input voltage: 48V, output voltage 5V (200mA), 1KV isolated 1W unregulated single output Input voltage: 24V, output voltage 3.3V (303mA), 1KV isolated 1W unregulated single output Input voltage: 24V, output voltage 12V (84mA), 1KV isolated 1W unregulated single output Input voltage: 24V, output voltage 5V (200mA), 1KV isolated 1W unregulated single output Input voltage: 12V, output voltage 12V (84mA), 1KV isolated 1W unregulated single output Input voltage: 12V, output voltage 5V (200mA), 1KV isolated 1W unregulated single output Input voltage: 5V, output voltage 12V (84mA), 1KV isolated 1W unregulated single output Input voltage: 5V, output voltage 5V (200mA), 1KV isolated 1W unregulated single output PN6CU-XXXXE 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SIP7 PN6CU - XXXXE 1KV交隔W的未稳压单输出SIP7
|
PEAK[PEAK electronics GmbH]
|
CME0505DC CME0505DPC CME0505SC CME0505SPC CME0505S |
Isolated 0.75W Single Output Isolated DC/DC Converters
|
Murata Power Solutions ...
|
P2AU-2415E P2AU-0505E P2AU-0512E P2AU-0515E P2AU-0 |
Input voltage:24V, output voltage 15V (16.66mA), 1KV isolated 0.25W unregulated single output Input voltage:5V, output voltage 15V (16.66mA), 1KV isolated 0.25W unregulated single output P2AU-XXXXE 1KV ISOLATED 0,25 W UNREGULATED SINGLE OUTPUT SIP4 P2AU - XXXXE 1KV交隔0,25糯未稳压单输出学校改善工 P2AU-XXXXE 1KV ISOLATED 0,25 W UNREGULATED SINGLE OUTPUT SIP4 P2AU - XXXXE 1KV交隔,25糯未稳压单输出学校改善工
|
PEAK[PEAK electronics GmbH]
|
CRE1 CRE1S0505MC CRE1S0505MEC CRE1S0505S3C CRE1S05 |
Isolated 1W Single Output Isolated DC-DC Converters
|
Murata Power Solutions ...
|
PSD-0505 PSD-0509S PSD-3R305S PSD-0505S PSD-0512S |
1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SMD 1KV交隔1W的未稳压单输出贴 PSD-XXXXS 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SMD
|
Electronic Theatre Controls, Inc. PEAK[PEAK electronics GmbH] ETC[ETC] List of Unclassifed Manufacturers
|
RP75-482.5S RP75-483.3S RP75-481.8S RP75-4805S RP7 |
75 Watt Isolated Single & Dual Output 75 Watt Isolated Single & Dual Output 75瓦特的隔离单 75 Watt Isolated Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
PZ5LU-153R3E PZ5LU-0505E PZ5LU-0512E PZ5LU-0515E P |
PZ5LUxxxxE 3 KV ISOLATED 0.75 W UNREGULATED SINGLE OUTPUT SIP7 PZ5LUxxxxE 3 KV ISOLATED 0.75 W UNREGULATED SINGLE OUTPUT SIP7
|
PEAK[PEAK electronics GmbH]
|
P6MG244R8ZS P6MG0503ZS P6MG0505ZS P6MG053R3ZS P6MG |
Input voltage:5V, output voltage 4.85/4.85V (100/100mA), 3KV isolated 0.6-1W regulated dual split output Input voltage:5V, output voltage 3.3/3.3V (100/100mA), 3KV isolated 0.6-1W regulated dual split output Input voltage:5V, output voltage 5/5V (100/100mA), 3KV isolated 0.6-1W regulated dual split output Input voltage:5V, output voltage 3/3V (100/100mA), 3KV isolated 0.6-1W regulated dual split output 3KV ISOLATED 0,6 - 1 W REGULATED DUAL SPLIT OUTPUT DIP14 3KV ISOLATED 0,6 ?1 W REGULATED DUAL SPLIT OUTPUT DIP14 3KV ISOLATED 1 W REGULATED SINGLE OUTPUT DIP14 3KV ISOLATED 0,6 1 W REGULATED DUAL SPLIT OUTPUT DIP14 千伏隔震0,6瓦稳压双输出DIP14劈裂
|
PEAK[PEAK electronics GmbH]
|
NME2405SC NME2405DC NME2409DC NME2409SC NME2412DC |
Isolated 1W Single Output DC/DC Converters
|
Murata Manufacturing Co., Ltd.
|
NML0515S NML0505 NML0505S NML0509S NML0512S NML121 |
Isolated 2W Single Output DC-DC Converters
|
http:// CANDD[C&D Technologies]
|